PART |
Description |
Maker |
MAX4785EXKT |
50mA/100mA Current-Limit Switches
|
MAXIM - Dallas Semiconductor
|
MAX4830ELV MAX4830ELT MAX4831ELT |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
|
Maxim Integrated Products
|
MAX4995CATAT MAX4995AATAT MAX4995AFATAT MAX4995ALA |
50mA to 600mA Programmable Current-Limit Switches 50mA to 600mA Programmable Current-Limit Switches
|
Maxim Integrated Products Maxim Integrated Produc...
|
Z88C00-20VSC Z88C00-25VEC Z88C00-20VEC Z88C01-25VE |
Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218X; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:4A; Holding Current:30mA Microcontroller 微控制器 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA 8位微控制
|
Maxim Integrated Products, Inc.
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
NID5001NT4 NID5001N NID5001NT4G |
Self-protected SmartDiscrete, 42V clamp, Temp & Current Limit, ESD, DPAK Self-protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
BY329-1700S |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MG360V1US41 E002277 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
TC1223-VCT |
50mA and 100mA CMOS LDOs with Shutdown
|
Microchip Technology
|
CSL2050ATA CSL2050DTA |
20~50mA Current detection CMOS MR Monolithic Current Sensor Switch
|
AnaSem Hong Kong Limite... AnaSem Hong Kong Limited
|
|